PART |
Description |
Maker |
MAX4040 MAX4040ESA MAX4040EUA MAX4040EUK-T MAX4041 |
Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP OP-AMP, 3500 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 IC-SM RAIL/RAIL I/O OP AMP 集成电路钐轨/轨I / O运放 Single/Dual/Quad / Low-Cost / SOT23 / Micropower Rail-to-Rail I/O Op Amps Single/Dual/Quad, Low-Cost, SOT23,Micropower Rail-to-Rail I/O Op Amps "?Dual, Low-Cost, Micropower Rail-to-Rail I/O Op Amp" "Single, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown" "?Dual, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown"
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
MAX903112 MAX9032ASA MAX9030-12 |
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
G100E G101E G102E G103E G104E G105E G111E |
Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
|
MicroPower Direct, LLC
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
MAX4403 |
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
|
Maixm
|
NJU7116F NJU7116 |
SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
|
NJRC[New Japan Radio]
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
MAX4401 MAX4400 MAX4402 MAX4400V4 MAX4403AUD MAX44 |
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
|
Maxim Integrated Products Maxim Integrated Produc...
|